PART |
Description |
Maker |
SAK-C505CA-4RC SAK-C505CA-LC C505CA-4RC SAA-C505CA |
8-Bit Microcontrollers - High temperature 8-Bit CMOS microcontroller (T=150°C ) with mask-programmable ROM, bare die, with CAN, (20 MHz) 8-bit Single-Chip Microcontroller (Bare Die Delivery)
|
INFINEON[Infineon Technologies AG]
|
B60C-1060-01 |
60W 10xxnm High Power Bare Laser Diode Bar
|
Bookham, Inc.
|
AT-220 AT-101 AT-102 AT-100 AT-210 AT-303 AT-306 A |
ER 3C 2#16 1#0 SKT RECP BOX ER 4C 4#8 SKT RECP BOX ER 9C 8#16 1#8 SKT RECP BOX ER 8C 8#12 SKT RECP ER 7C 7#16 PIN RECP BOX Fixed Attenuators (SMA Type) 固定衰减器(SMA型)
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
530336-2 |
.050, .075, .100 Box Connectors; 2 ROW BOX PIN 40 POS R/A ( AMP )
|
Tyco Electronics
|
2SC3811 |
Small-signal device - Small-signal transistor - High-Speed SwitchVCO and High Freq.
|
Panasonic
|
ATA7550 ATA7550D1 |
The Anadigics ATA7550D1 is a high-speed 5V transimpedance amplifier (TIA) available in bare die form and manufactured using an InGaP ... Transimpedance Amplifiers (TIAs) 5.0V 2.5Gb/s TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
BC640 BC640-16G BC640ZL1G BC640G |
High Current Transistors General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
ARK-7480-100A1E |
All-In-One, High Performance Embedded Box computer
|
Advantech Co., Ltd.
|
227-163 |
High-Pressure Environmental Box Mount Plug
|
Glenair, Inc.
|
STI510508 STI5105ALC |
High-performance advanced SD decoder for set-top box
|
ST Microelectronics STMicroelectronics
|
610FPR010E 610FPR002E 650FPR002E 610FPR005E 650FPR |
Four Terminal Bare Element
|
Ohmite Mfg. Co.
|